Part Number Hot Search : 
BAT54H MDS731 101MP KBU10M 16080 TLP1032F 2762I HD74L
Product Description
Full Text Search
 

To Download 2SD2460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD2460
Silicon NPN epitaxial planer type
For low-frequency output amplification
Unit: mm
4.00.2
s Features
q q q
0.70.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings 20 20 15 1.5 0.7 300 150 -55 ~ +150 Unit V V V A A mW C C
1:Emitter 2:Collector 3:Base
1
2
3
1.27 1.27 2.540.15
EIAJ:SC-72 New S Type Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE VCE(sat) fT Cob Conditions VCB = 15V, IE = 0 VCE = 15V, IB = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 150mA* IC = 500mA, IB = 50mA* VCB = 20V, IE = -20mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 20 20 15 1000 0.15 55 10
*
min
typ
max 1 10
2.00.2
marking
+0.2 0.45-0.1
15.60.5
High foward current transfer ratio hFE. Low collector to emitter saturation voltage VCE(sat). Allowing supply with the radial taping.
3.00.2
Unit A A V V V
2500 0.4 V MHz 15 pF
Pulse measurement
1
Transistor
PC -- Ta
500 240 Ta=25C 200
2SD2460
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 0.3 0.1 Ta=75C 0.03 0.01 0.003 0.001 1 3 10 30 100 300 1000 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
400
IB=100A 160 90A 80A 120 70A 60A 50A 80 40A 30A 40 20A 10A
300
200
100
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE -- IC
2400 24
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V f=1MHz IE=0 Ta=25C
Forward current transfer ratio hFE
2100 1800 1500 -25C 1200 900 600 300 0 1 3 10 30 100 300 1000 Ta=75C 25C
20
16
12
8
4
0 1 3 10 30 100
Collector current IC (mA)
Collector to base voltage VCB (V)
2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SD2460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X